Part Number Hot Search : 
TC8250P Y100E NTE457 SPT7855 2903002 SZ4018 2N1037 SB104
Product Description
Full Text Search
 

To Download AQZ102D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER PhotoMOS RELAYS (Voltage Sensitive Type)
PhotoMOS RELAYS
4. Both AC/DC dual types and DC-only types are available The AC/DC dual type is capable of bi-directional control, and unlike conventional SSRs, does not have to be used differently depending on the load. The DC-only type is well suited for control of DC solenoids and DC motors. 5. High sensitivity, low ON resistance A maximum 3.6 A load can be controlled with the minimum input voltage of 4 V DC. The ON resistance is also low at 0.09 (AQZ102D). 6. Small scale, slim type, 4-pin SIL Length 21.0 mmxwidth 3.5 mmxheight 12.5 mm. High precision mounting is possible because of the small 73.5mm2 area of the 4-pin SIL.
210.2 .827.008
3.50.2 .138.008 12.50.2 .492.008
FEATURES
1. A voltage sensitive power PhotoMOS relay Conventional power PhotoMOS relays are connected externally to an input limiting resistor in order to obtain the appropriate LED current. Adding an internal constant-current element renders the input limiting resistor unnecessary, making it possible for the PhotoMOS relay to be voltage driven. 2. Wide range of input voltages Allows a wide range of input voltages from 4 to 30 V DC. The relay can be used in 5 V, 12 V or 24 V DC systems. 3. Large capacity PhotoMOS relay Supports the various types of load control, from very small loads to a maximum 2.7 A for the AC/DC dual type, 3.6 A for the DC-only type.
mm inch
-
1
+
2
3
4
AC/DC type
-
1
+
2
-
3
+
4
DC type
TYPES
1. AC/DC type
Output rating Load voltage 60 V 100 V 200 V 400 V Load current 2.7 A 1.8 A 0.9 A 0.45 A Part No. AQZ202D AQZ205D AQZ207D AQZ204D Packing quantity Inner carton Outer carton
25 pcs.
500 pcs.
2. DC type
Output rating Load voltage 60 V 100 V 200 V 400 V Load current 3.6 A 2.3 A 1.1 A 0.6 A Part No. AQZ102D AQZ105D AQZ107D AQZ104D Packing quantity Inner carton Outer carton
25 pcs.
500 pcs.
Notes: Load voltage and current of AC/DC type: Peak AC/DC. Load voltage and current of DC type: DC.
214
AQZ10rD, 20rD
RATING
1. AC/DC type 1) Absolute maximum ratings (Ambient temperature: 25C 77F)
Item Input voltage Input reverse voltage Power dissipation Load voltage (Peak AC) Continuous load current (Peak AC) Peak load current Power dissipation Total power dissipation I/O isolation voltage Operating Storage Item Operate voltage Input Turn off voltage Input current On resistance Output Off state leakage current Turn on time* Switching speed Turn off time* Transfer characteristics Maximum I/O capacitance Initial I/O isolation resistance Maximum operating speed Typical Maximum Minimum Maximum Ciso Riso -- -- -- Maximum Typical Toff 3.0 ms 0.8 pF 1.5 pF 1,000 M 0.5 cps 0.2 ms Maximum Maximum Typical Ton 10.0 ms 0.2 ms 0.1 ms 0.1 ms Ileak 5.8 ms 4.2 ms Typical Maximum Minimum Typical Typical Typical Ron Symbol VIN VRIN Pin VL IL Ipeak Pout PT Viso Topr Tstg Symbol VFon VFoff IIN 0.066 0.18 AQZ205D AQZ207D AQZ204D 30 V 3V 300 mW 60 V 100 V 200 V 400 V 2.7 A 1.8 A 0.9 A 0.45 A 9.0 A 6.0 A 3.0 A 1.5 A 1.6 W 1.6 W 2,500 V AC -40C to +85C -40F to +185F (4 V q VIN q 6 V) -40C to +75C -40F to +167F (6 V < VIN q 15 V) -40C to +60C -40F to +140F (15 V < VIN q 30 V) -40C to +100C -40F to +212F AQZ202D AQZ205D AQZ207D 1.4 V 4V 0.8 V 1.3 V 6.5 mA 0.180 0.34 10 A 2.7 ms 2.3 ms 0.64 1.1 AQZ204D AQZ202D Remarks
Input
Output
100 ms (1 shot), VL = DC
Temperature limits
Non-condensing at low temperatures
2) Electrical characteristics (Ambient temperature: 25C 77F)
Remarks IL = 100 mA VL = 10 V IL = 100 mA VL = 10 V VIN = 5 V VIN = 5 V IL = Max. Within 1 s on time VIN = 0 VL = Max. VIN = 5 V IL = 100 mA VL = 10 V VIN = 5 V IL = 100 mA VL= 10 V f = 1 MHz VB = 0 500 V DC
2.4 3.2
Vibration resistance Minimum Shock resistance Minimum Recommendable LED forward current IF = 5 to 10 mA. *Turn on/off time
VIN= 5 V Duty factor = 50% ILxVL = 200 (VA) 10 to 55 Hz at double amplitude of 3 mm 2 hours for 3 axes 3 times for 3 axes 4,900 m/s2 {500 G}1 ms For type of connection, see page 35.
Input 90% Output Ton Toff 10%
2. DC type 1) Absolute maximum ratings (Ambient temperature: 25C 77F)
Item Input voltage Input reverse voltage Power dissipation Load voltage (DC) Continuous load current (DC) Peak load current Power dissipation Total power dissipation I/O isolation voltage Operating Storage Symbol VIN VRIN Pin VL IL Ipeak Pout PT Viso Topr Tstg AQZ105D AQZ107D AQZ104D 30 V 3V 300 mW 60 V 100 V 200 V 400 V 3.6 A 2.3 A 1.1 A 0.6 A 9.0 A 6.0 A 3.0 A 1.5 A 1.35 W 1.35 W 2,500 V AC -40C to +85C -40F to +185F (4 V q VIN q 6 V) -40C to +75C -40F to +167F (6 V < VIN q 15 V) -40C to +60C -40F to +140F (15 V < VIN q 30 V) -40C to +100C -40F to +212F AQZ102D Remarks
Input
Output
100 ms (1 shot), VL = DC
Temperature limits
Non-condensing at low temperatures
215
AQZ10rD, 20rD
2) Electrical characteristics (Ambient temperature: 25C 77F)
Item Operate voltage Input Turn off voltage Input current On resistance Output Off state leakage current Turn on time* Switching speed Turn off time* Maximum Transfer characteristics I/O capacitance Initial I/O isolation resistance Maximum operating speed Vibration resistance Shock resistance Typical Maximum Minimum Maximum Minimum Minimum Ciso Riso -- -- -- Maximum Typical Toff 3.0 ms 0.8 pF 1.5 pF 1,000 M 0.5 cps 10 to 55 Hz at double amplitude of 3 mm 4,900 m/s2 {500 G}1 ms 0.2 ms Maximum Maximum Typical Ton 10.0 ms 0.2 ms 0.1 ms 0.1 ms Ileak 3.3 ms 2.2 ms Typical Maximum Minimum Typical Typical Typical Ron Symbol VFon VFoff IIN 0.033 0.09 AQZ102D AQZ105D AQZ107D 1.4 V 4V 0.8 V 1.3 V 6.5 mA 0.090 0.17 10 A 1.5 ms 1.2 ms 0.33 0.55 AQZ104D Remarks IL = 100 mA VL = 10 V IL = 100 mA VL = 10 V 1.23 1.6 VIN = 5 V VIN = 5 V IL = Max. Within 1 s on time VIN = 0 VL = Max. VIN = 5 V IL = 100 mA VL = 10 V VIN = 5 V IL = 100 mA VL= 10 V f = 1 MHz VB = 0 500 V DC VIN= 5 V Duty factor = 50% ILxVL = 200 (VA) 2 hours for 3 axes 3 times for 3 axes
Recommendable LED forward current IF = 5 to 10 mA. *Turn on/off time
For type of connection, see page 35.
Input 90% Output Ton Toff 10%
s For Dimensions, see Page 29. s For Schematic and Wiring Diagrams, see Page 35. s For Cautions for Use, see Page 40.
REFERENCE DATA
1. Load current vs. ambient temperature characteristics
Allowable ambient temperature: -40C to +85C -40F to +185F; VIN: Input voltage; IL (derate):Load current (derate); IL: Absolute maximum ratings of continuous load current
120 100 80 60 40 20 0 -40 -20 20 20 4V VIN 6V 6V2.-(1) Load current vs. ambient temperature characteristics in adjacent mounting
Input voltage: 4V q VIN q 6V; IL (derate): Load current (derate); IL: Absolute maximum ratings of continuous load current; : Adjacent mounting pitch
100 =20mm =10mm = 5mm
2.-(2) Load current vs. ambient temperature characteristics in adjacent mounting
Input voltage: 6V < VIN q 15V; IL (derate): Load current (derate); IL: Absolute maximum ratings of continuous load current; : Adjacent mounting pitch
100 IL (derate) x 100, % IL =20mm =10mm = 5mm
IL (derate) x 100, % IL
IL (derate) x 100, % IL
80
80
60
60
40
40
0 20 40 60 80 85 100 Ambient temperature, C
0 -40 -20
0 20 40 60 80 85 100 Ambient temperature, C
0 -40 -20
0
20 40 60 7580 100 Ambient temperature, C
216
AQZ10rD, 20rD
2.-(3) Load current vs. ambient temperature characteristics in adjacent mounting
Input voltage: 15V100 IL (derate) x 100, % IL
3.-(1) On resistance vs. ambient temperature characteristics (AC/DC type)
Input voltage: 5 V; Continuous load current: 2.7 A (DC) (AQZ202D) 1.8 A (DC) (AQZ205D)
0.5
3.-(2) On resistance vs. ambient temperature characteristics (AC/DC type)
Input voltage: 5 V; Continuous load current: 0.9 A (DC) (AQZ207D) 0.45 A (DC) (AQZ204D)
5.0
60
On resistance,
=20mm =10mm = 5mm
0.3 AQZ205D 0.2
On resistance,
80
0.4
4.0
3.0
AQZ204D
40
2.0
20
0.1
AQZ202D
1.0
AQZ207D
0 -40 -20
0
20 40 60 80 100 Ambient temperature, C
0
-40
-20
0 20 40 60 80 85 Ambient temperature, C
0
-40
-20
0 20 40 60 80 85 Ambient temperature, C
3.-(3) On resistance vs. ambient temperature characteristics (DC type)
Input voltage: 5 V; Continuous load current: 3.6 A (DC) (AQZ102D) 2.3 A (DC) (AQZ105D)
0.25
3.-(4) On resistance vs. ambient temperature characteristics (DC type)
Input voltage: 5 V; Continuous load current: 1.1 A (DC) (AQZ107D) 0.6 A (DC) (AQZ104D)
5.0
4.-(1) Turn on time vs. ambient temperature characteristics (AC/DC type)
Input voltage: 5 V; Load voltage: 10 V (DC); Continuous load current: 100 mA (DC)
10
On resistance,
0.20 On resistance,
4.0 Turn on time, ms
8 AQZ202D 6 AQZ205D 4 AQZ207D 2 AQZ107D AQZ204D
0.15 AQZ105D
3.0
0.10
2.0 AQZ104D 1.0
0.05
AQZ102D
0
-40
-20
0 20 40 60 80 85 Ambient temperature, C
0
-40
-20
0 20 40 60 80 85 Ambient temperature, C
0
-40
-20
0 20 40 60 8085 Ambient temperature, C
4.-(2) Turn on time vs. ambient temperature characteristics (DC type)
Input voltage: 5 V; Load voltage: 10 V (DC); Continuous load current: 100 mA (DC)
10
5.-(1) Turn off time vs. ambient temperature characteristics (AC/DC type)
Input voltage: 5 V; Load voltage: 10 V (DC); Continuous load current: 100 mA (DC)
0.5
5.-(2) Turn off time vs. ambient temperature characteristics (DC type)
Input voltage: 5 V; Load voltage: 10 V (DC); Continuous load current: 100 mA (DC)
0.5
8 Turn off time, ms Turn on time, ms
0.4 Turn off time, ms
0.4
6 AQZ102D AQZ105D 2 AQZ107D AQZ104D 0 -40 -20 0 0 20 40 60 8085 Ambient temperature, C
0.3
0.3 AQZ107D AQZ102D 0.1 AQZ104D AQZ105D
4
0.2
AQZ204D
AQZ202D AQZ205D
0.2
0.1
AQZ207D
0
-40
-20
0 20 40 60 80 85 Ambient temperature, C
0
-40
-20
0 20 40 60 8085 Ambient temperature, C
6. Operate voltage vs. ambient temperature characteristics
Load voltage: 10 V (DC); Continuous load current: 100 mA (DC)
5.0
7. Turn off voltage vs. ambient temperature characteristics
Load voltage: 10 V (DC); Continuous load current: 100 mA (DC)
5.0
8. Input current vs. ambient temperature characteristics
Input voltage: 5 V
10
Operate voltage, V
4.0 Turn off voltage, ms
4.0 Input current, mA -40 -20 0 20 40 60 8085 Ambient temperature, C
8
3.0
3.0
6
2.0
2.0
4
1.0
1.0
2
0
-40
-20
0 20 40 60 80 85 Ambient temperature, C
0
0
-40
-20
0 20 40 60 80 85 Ambient temperature, C
217
AQZ10rD, 20rD
9.-(1) Voltage vs. current characteristics of output at MOS portion (AC/DC type)
Ambient temperature: 25C 77F
4.0 Current, A Current, A 3.0 AQZ202D 2.0 1.0 0 AQZ205D AQZ207D AQZ204D 0.5 1.0 1.5 Voltage, V 2.0
9.-(2) Voltage vs. current characteristics of output at MOS portion (DC type)
Ambient temperature: 25C 77F
4.0 3.0 AQZ105D 2.0 1.0 0 0.2 AQZ107D AQZ104D 0.4 0.6 Voltage, V 0.8 AQZ102D
10. Input voltage vs. input current characteristics
Ambient temperature: 25C 77F
10
Input current, mA
8
6
-2.0 -1.5 -1.0 -0.5 -1.0 -2.0 -3.0 -4.0
-0.8 -0.6 -0.4 -0.2 -1.0 -2.0
4
2 -3.0 -4.0 0 0 5 10 15 20 25 Input voltage, V 30
11.-(1) Off state leakage current
Ambient temperature: 25C 77F
11.-(2) Off state leakage current
Ambient temperature: 25C 77F
12. Maximum operating speed vs. load voltage x load current characteristics
Input voltage: 5V; Ambient temperature: 25C 77F
10 Maximum operating speed, cps duty=50%
Off state leakage current, A
Off state leakage current, A
10-3
10-3
9 8 7 6 5 4 3 2 1
10-6
10-6
10-9
AQZ105D,205D
10-9
AQZ104D,204D AQZ107D,207D
10-12 0
AQZ102D,202D 50 Load voltage, V 100
10-12 0 50 Load voltage, V 100
0
0
25 50 75 100 125 150 175 200 Maximum voltage, VxLoad current, A
13.-(1) Applied voltage vs. output capacitance characteristics (AC/DC type)
Frequency: 1 MHz; Ambient temperature: 25C 77F
2000 Output capacitance, pF 1800 1600 1400 1200 1000 800 600 400 200 0 0 20 AQZ205D AQZ207D AQZ204D AQZ202D
13.-(2) Applied voltage vs. output capacitance characteristics (DC type)
Frequency: 1 MHz; Ambient temperature: 25C 77F
2000 1800 Output capacitance, pF 1600 1400 1200 1000 800 600 400 200 AQZ107D AQZ104D AQZ102D
AQZ105D
40 60 80 Applied voltage, V
100
0
0
20
40 60 80 Applied voltage, V
100
ACCESSORY
Socket
1 2 3 4 5 6
5+0.2 -0.6 .197.008 -.024
1
2
3
4
5
6
5+0.2 -0.6 .197.008 -.024 2.54 .100 90.6 .354.024 5.30.6 .209.024
mm inch PC board pattern (BOTTOM VIEW) Standard type
10.16 .400 2-1 dia. 2-.039 dia. 5.08 .200
22.60.6 .890.024
22.60.6 .890.024
90.6 .354.024 5.30.6 .209.024 4 .157 0.5 .020 2.54 .100 6.35 .250 0.8 .031 (0.3) (.012) 5.08 .200 0.25 .010 1.23 .048 10.25 .039.010 1.23 .048 3.9 .154 0.5 .020 2.54 .100 6.35 .250 0.8 .031
2-1.2 dia. 2-.047 dia.
Self clinching type
2.54 .100 10.16 .400 2-0.80.25 dia. 2-.031002 dia. 5.08 .200
3.81 .150
3.81 .150
(0.3) (.012) 5.08 .200
1.30.15 .051.006
2-1.20.05 dia. 2-.047002 dia.
PA1a-PS 5/7/2001 218
PA1a-PS-H
Tolerance: 0.1 .004
All Rights Reserved, (c) Copyright Matsushita Electric Works, Ltd. Go To Online Catalog


▲Up To Search▲   

 
Price & Availability of AQZ102D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X